Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E235 Datasheet (PDF) - MicroPower Direct, LLC

E235 Datasheet PDF - MicroPower Direct, LLC
Part # E235
Download  E235 Download
File Size   175.52 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters

E235 Datasheet (PDF)

Go To PDF Page Download Datasheet
E235 Datasheet PDF - MicroPower Direct, LLC

Part # E235
Download  E235 Click to download

File Size   175.52 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters

E235 Datasheet (HTML) - MicroPower Direct, LLC


E235 Product details

Key Features:

• 2W Output Power

• Ultra-Miniature SIP Case

• 1,000 VDC Isolation

• >2 MHour MTBF

• 18 Standard Models

• Industry Standard Pin-Out



 




Similar Part No. - E235

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E235 GILWAY-E235 Datasheet
71Kb / 2P
Rectangular LEDs
logo
MicroPower Direct, LLC
E235I MPD-E235I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
E235I MPD-E235I Datasheet
172Kb / 2P
E200I SERIES
logo
List of Unclassifed Man...
E235L ETC2-E235L Datasheet
478Kb / 10P
POWER PENTODE
logo
Sharp Corporation
E235X SHARP-E235X Datasheet
46Kb / 2P
PAL Format Electronic Television Modulators
More results


Similar Description - E235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com