Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E235X Datasheet (PDF) - Sharp Corporation

E235X Datasheet PDF - Sharp Corporation
Part # E235X
Download  E235X Download
File Size   46.38 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description PAL Format Electronic Television Modulators

E235X Datasheet (PDF)

Go To PDF Page Download Datasheet
E235X Datasheet PDF - Sharp Corporation

Part # E235X
Download  E235X Click to download

File Size   46.38 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description PAL Format Electronic Television Modulators

E235X Datasheet (HTML) - Sharp Corporation


E235X Product details

DESCRIPTION

The E225x and E235x Series Modulators are new PAL format modulators with the output frequency set by a PLL.

These modulators provide direct Phase-Locked Loop tuning in stead of the previous screwdriver setting, providing software flexibility over output channel control. The output may be tuned over the PAL channel range of 21 ~ 69.



FEATURES

• Power supply: 5 V

• Small Size: 44 mm × 44 mm × 17 mm

• Common Footprint

• Common Electrical Interface

• Standard pin-pitch between models

• I2C bus serial PLL control

• Same input connector locations between models

• Reduced component count

• High level of integration E2258T2 meets CENELEC emissions requirements



APPLICATIONS:

• Television/VCR

• Satellite receivers

• Multi-media adapters

• Video signal converters



 




Similar Part No. - E235X

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E235 GILWAY-E235 Datasheet
71Kb / 2P
Rectangular LEDs
logo
MicroPower Direct, LLC
E235 MPD-E235 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
E235I MPD-E235I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
E235I MPD-E235I Datasheet
172Kb / 2P
E200I SERIES
logo
List of Unclassifed Man...
E235L ETC2-E235L Datasheet
478Kb / 10P
POWER PENTODE
More results


Similar Description - E235X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2154 SAMSUNG-KA2154 Datasheet
543Kb / 21P
Video-Chroma Deflection system For A Color Television(PAL/NTSC)
KA2161 SAMSUNG-KA2161 Datasheet
310Kb / 21P
pal/ntsc 1 chip ic for color television
logo
Sanyo Semicon Device
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
PAL/NTSC Single-chip Color Television Signal Processing Circuit
LC7475 SANYO-LC7475 Datasheet
332Kb / 16P
On-screen Display Controller for PAL-format Video
LC89975M SANYO-LC89975M Datasheet
98Kb / 7P
PAL-Format Delay Line
logo
Sharp Corporation
VTST6UF78 SHARP-VTST6UF78 Datasheet
51Kb / 2P
NTSC/PAL Electronic Television Tuners
logo
Rohm
BA7045 ROHM-BA7045 Datasheet
185Kb / 8P
NTSC TO PAL FORMAT CONVERTER
logo
Sanyo Semicon Device
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Toshiba Semiconductor
TA8718N TOSHIBA-TA8718N Datasheet
446Kb / 43P
VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION (PAL).
1990-10-24
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com