Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF113D Datasheet (PDF) - MicroPower Direct, LLC

LF113D Datasheet PDF - MicroPower Direct, LLC
Part # LF113D
Download  LF113D Download
File Size   542.32 Kbytes
Page   4 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Miniature, 1W Dual Output SMT DC/DC Converters

LF113D Datasheet (PDF)

Go To PDF Page Download Datasheet
LF113D Datasheet PDF - MicroPower Direct, LLC

Part # LF113D
Download  LF113D Click to download

File Size   542.32 Kbytes
Page   4 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Miniature, 1W Dual Output SMT DC/DC Converters

LF113D Datasheet (HTML) - MicroPower Direct, LLC


LF113D Product details

Key Features:
• 1W Output Power
• Ultra-Miniature SMT Case
• 1,000 VDC Isolation
• 5V, 12V & 24V Inputs
• -40ºC to +85ºC Operation
• 12 Standard Models
• 2.0 MH MTBF Minimum
• Industry Standard Pin-Out




Similar Part No. - LF113D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF113D ETC-LF113D Datasheet
73Kb / 2P
1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF113DI MPD-LF113DI Datasheet
216Kb / 2P
High Isolation, 1W Dual Output SMT DC/DC Converters
More results


Similar Description - LF113D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
1W, Miniature SMD, Dual Output DC/DC Converters
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF200D MPD-LF200D Datasheet
234Kb / 2P
Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com