Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD15 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMD15 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMD15
Download  SMD15 Download
File Size   630.99 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 300W TVS DIODE

SMD15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD15 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMD15
Download  SMD15 Click to download

File Size   630.99 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 300W TVS DIODE

SMD15 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SMD15 Product details

FEATURES

• SC59 package for surface mount appllcation

• Protects 3.3V up through 36V components

• Protects two unidirectional line or one bidirection line

• Provides electrically is olated protection

• ESD>10KV

• 300W Peak Power Protection( tp=8/2 us)



APPLICATIONS

• Cellular Handsets and Accessories

• Portable Electronics

• Industrial Controls

• Set -Top Box

• Servers, Notebook, and Desktop PC



 




Similar Part No. - SMD15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
PolySwitch짰 PTC Devices
logo
List of Unclassifed Man...
SMD150 ETC2-SMD150 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD150-2 ETC1-SMD150-2 Datasheet
313Kb / 4P
PolySwitch SMD
SMD150-2018 ETC2-SMD150-2018 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD150/33 ETC2-SMD150/33 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
More results


Similar Description - SMD15

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
TVS Diode
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
logo
RFE international
SMAJ RFE-SMAJ Datasheet
54Kb / 1P
SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
300W Surface Mount TVS Diodes
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
300w flip chip tvs array
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
300W FLIP CHIP TVS ARRAY
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com