Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD15 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMD15
Description  300W TVS DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMD15 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMD15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMD15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SMD03 THRU SMD36
300W TVS DIODE
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL CHARACTERISTICS PER LINE @ 25ºC Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
LEAKAGE
CURRENT
ID
@ VWM
µA
CAPACITANCE
@0V, 1 MHz
C
Pin 1-3
pF
PART
NUMBER
DEVICE
MARKING
MIN
MAX
MAX
MAX
MAX
SMD03
X03
3.3
4-5
7
8.5
100
350
X05
5.0
6.1-7.4
9.8
11
12
210
X12
12.0
13.3-16.3
19
24
0.5
75
X15
15.0
16.7-20.4
24
30
0.5
50
SMD24
X24
24.0
26.7-32.6
43
55
0.5
30
SMD36
X36
36.0
40.0-47.0
60
75
0.5
30
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage V . Product
SMD05
SMD15
SMD12
WM
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
MAXIMUM RATING SAND ELECTRICAL CHARACTERISTICS
FEATURES
•
SC59 package for surface mount appllcation
•
Protects 3.3V up through 36V components
•
Protects two unidirectional line or one bidirection line
•
Provides electrically is olated protection
•
ESD>10KV
•
300W Peak Power Protection( tp=8/2 us)
MECHANICAL DATA
•
Molded: SC59 Surface Mount
•
Body marked with marking code.
•
Mounting Position: Any
•
Weight: 0.008 grams (approx.)
APPLICATIONS
•
Cellular Handsets and Accessories
•
Portable Electronics
•
Industrial Controls
•
Set -Top Box
•
Servers, Notebook, and Desktop PC
1
2
3
3
1
2
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Dim
Min
Max
A
2.700
3.100
B
1.500
1.700
C
0.900
1.150
D
0.350
0.500
G
1.700
2.100
H
0.013
0.100
J
0.100
0.200
K
0.350
0.550
L
0.900
1.000
S
2.600
3.000
V
0.500
0.600
All Dimension in mm
SC-59
Rating
Symbol
Value
Units
Peak ulse Power (tp=8/20us)
Ppk
300
Watts
Thermal Resistance, Junction to Ambient
RθJA
556
℃
/W
Lead Soldering Temperature
TL
260 (10 sec.)
℃
Operating Temperature
TJ
-55 to +125
℃
Storage Temperature
TSTG
-55 to +150
℃
16-Oct.-2008 Rev. D
Page 1 of 2


Similar Part No. - SMD15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
PolySwitch짰 PTC Devices
logo
List of Unclassifed Man...
SMD150 ETC2-SMD150 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD150-2 ETC1-SMD150-2 Datasheet
313Kb / 4P
PolySwitch SMD
SMD150-2018 ETC2-SMD150-2018 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD150/33 ETC2-SMD150/33 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
More results

Similar Description - SMD15

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
TVS Diode
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
logo
RFE international
SMAJ RFE-SMAJ Datasheet
54Kb / 1P
SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
300W Surface Mount TVS Diodes
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
300w flip chip tvs array
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
300W FLIP CHIP TVS ARRAY
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com