Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1040 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SP1040 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SP1040
Download  SP1040 Download
File Size   463.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 10.0AMP Schottky Barrier Rectifiers

SP1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1040 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SP1040
Download  SP1040 Click to download

File Size   463.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 10.0AMP Schottky Barrier Rectifiers

SP1040 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SP1040 Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202, method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)




Similar Part No. - SP1040

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP1040 SECOS-SP1040 Datasheet
526Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Gaomi Xinghe Electronic...
SP1040L GXELECTRONICS-SP1040L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SP1040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
10.0Amp. Schottky Barrier Rectifiers
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
10.0AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2014/11/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com