Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1040 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP1040
Description  10.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP1040 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP1040 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP1040 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
TYP
For capacitive load, derate current by 20%.
E NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
(Per Leg)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I =5
10
130
5
5
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
0.80
15
V
V
A
A
V
mA
pF
Typical Thermal Resistance (Note 2)
4.5
-50
+150
-65
+175
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
SP1040
40
40
40
F
A
A
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
450
0.48
0.55
~
~
SYMBOL
o
o
o
(Per Device)
RθJA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
10000
TJ
TSTG
V/us
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SP1040
VOLTAGE 40V
.0AMP Schottky Barrier Rectifiers
10
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev. A
Page 1 of 2
2.8
0.3
4.5
0.2
0.5
0.2
2.6
0.2
2.54
0.2
0.7
0.2
2.54
0.2
1.3
0.2
10
0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP1040

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP1040 SECOS-SP1040 Datasheet
526Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Gaomi Xinghe Electronic...
SP1040L GXELECTRONICS-SP1040L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP1040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
10.0Amp. Schottky Barrier Rectifiers
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
10.0AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2014/11/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com