Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2146 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSC2146 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSC2146
Download  SSC2146 Download
File Size   979.41 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Positive Voltage Regulator

SSC2146 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC2146 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSC2146
Download  SSC2146 Click to download

File Size   979.41 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Positive Voltage Regulator

SSC2146 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SSC2146 Product details

Description

TheSSC2146 series of positive,linear regulators feature low quiescent current (30mA typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOP-8 package is attractive for "Pocket" and "Hand Held" applications. These rugged devices have both Thermal Shutdown and Current Fold-back to prevent device failure under the "Worst" of operating conditions. In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and ground. The SSC2146 is stable with an output capacitance of 2.2µF or greater.



Features

* Low Temperature Coefficient

* Over-Temperature Shutdown

* Factory Pre-set Output Fold-Back

* Very Low Dropout Voltage

* Noise Reduction Bypass Capacitor

* Short Circuit Current Fold-back

* Guaranteed 600mA output

* Current Limiting

* Highly Accurate ±1.5%




Similar Part No. - SSC2146

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
SeCoS Halbleitertechnol...
SSC2117 SECOS-SSC2117 Datasheet
1Mb / 7P
Positive Voltage Regulator
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
1.55A CMOS Low Dropout Voltage Regulator
SSC2127 SECOS-SSC2127 Datasheet
1Mb / 6P
Positive Voltage Regulator
SSC2128 SECOS-SSC2128 Datasheet
1Mb / 6P
CMOS Low Dropout Voltage Regulat or
More results


Similar Description - SSC2146

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com