Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2119 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSC2119 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSC2119
Download  SSC2119 Download
File Size   1277.38 Kbytes
Page   7 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.55A CMOS Low Dropout Voltage Regulator

SSC2119 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC2119 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSC2119
Download  SSC2119 Click to download

File Size   1277.38 Kbytes
Page   7 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.55A CMOS Low Dropout Voltage Regulator

SSC2119 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SSC2119 Product details

Description
The SSC2119 positive,linear regulators feature low quiescent current (45mA typ.) with low dropout voltage, making them ideal for battery applications. Output voltage are set at the factory and trimmed to 1.5% accuracy.These rugged devices have both Thermal Shutdown and Current Fold-back to prevent device failure under the "Worst" of operating conditions. The SSC2119 is stable with an output capacitance of 4.7mF or greater.

Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Adjustable Version
* Very Low Dropout Voltage
* High Accurate ±1.5%
* Guaranteed 1.55A output
* Current Limiting
* Power-Saving Shutdown Mode

Applications
* PC Peripherals
* Wireless Devices
* Portable Electronics
* Battery Powered Widgets
* Instrumentation




Similar Part No. - SSC2119

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSC2117 SECOS-SSC2117 Datasheet
1Mb / 7P
Positive Voltage Regulator
More results


Similar Description - SSC2119

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
1.55A CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
1.55A CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com