Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2119 Datasheet (PDF) - GTM CORPORATION

GSC2119 Datasheet PDF - GTM CORPORATION
Part # GSC2119
Download  GSC2119 Download
File Size   515.86 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR

GSC2119 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSC2119 Datasheet PDF - GTM CORPORATION

Part # GSC2119
Download  GSC2119 Click to download

File Size   515.86 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR

GSC2119 Datasheet (HTML) - GTM CORPORATION


GSC2119 Product details

Description
The GSC2119 of positive, linear regulators feature low ground current (45μA typ.) with low dropout voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to 1.5% accuracy.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions.
The GSC2119 is stable with an output capacitance of 4.7μF or greater.

Features
• Very Low Dropout Voltage
• Guaranteed 1.55A output
• Over-Temperature Shutdown
• Current Limiting
• Highly Accurate± 1.5%
• LowʳTemperature Coefficient
• Power-Saving Shutdown Mode
• Adjustable Version

Applications
• Battery Powered Widgets
• Instrumentation
• Wireless Devices
• PC Peripherals
• Portable Electronics




Similar Part No. - GSC2119

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2119 ETL-GSC2119 Datasheet
522Kb / 7P
1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Similar Description - GSC2119

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
1.55A CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
1.55A CMOS Low Dropout Voltage Regulator
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
1.55A CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com