Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZS22VB Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

UDZS22VB Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # UDZS22VB
Download  UDZS22VB Download
File Size   343.11 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Surface Mount Zener Voltage Regulator Diodes

UDZS22VB Datasheet (PDF)

Go To PDF Page Download Datasheet
UDZS22VB Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # UDZS22VB
Download  UDZS22VB Click to download

File Size   343.11 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Surface Mount Zener Voltage Regulator Diodes

UDZS22VB Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


UDZS22VB Product details

FEATURES

• VZ range selection, 2.4 V ~ 36 V

• Green EMC



PACKAGING INFORMATION

• Case: SOD-323L, Molded Plastic

• Terminals: Solderable per MIL-STD-202, Method 208

• Flat lead SOD-323L small outline plastic package

• Matte Tin (Sn) Lead finish

• Band indicates cathode

• Weight: 0.008 grams (approximately)



 




Similar Part No. - UDZS22VB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
UDZS22VB RECTRON-UDZS22VB Datasheet
213Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
logo
Yea Shin Technology Co....
UDZS22VB YEASHIN-UDZS22VB Datasheet
799Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
UDZS22VBW TAK_CHEONG-UDZS22VBW Datasheet
153Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Similar Description - UDZS22VB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C2V4 SECOS-BZX84C2V4 Datasheet
284Kb / 4P
Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com