Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZS22VB Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # UDZS22VB
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

UDZS22VB Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  UDZS22VB Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH UDZS22VB Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
UDZSxxxB Series
200 mW SOD-323L Series
Surface Mount Zener Voltage Regulator Diodes
01-June-2008 Rev. B
Page 1 of 2
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
VZ range selection, 2.4 V ~ 36 V
Green EMC
PACKAGING INFORMATION
Case: SOD-323L, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Flat lead SOD-323L small outline plastic package
Matte Tin (Sn) Lead finish
Band indicates cathode
Weight: 0.008 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNITS
Power Dissipation
PD
200
mW
Operating Junction and Storage Temperature Range
TJ
-65~150
℃
Notes: These ratings are limiting values above which the serviceability of the diode may be impaired.
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
Vz @ IZT (volts)
IZT
ZZT(max) @ IZT
ZZK @ IZK
IR(max) @ VR
TYPE NUMBER
MARKING
Min
Max
mA
Ω
Ω
mA
µA
V
UDZS2V4B
D=, 7C
2.43
2.63
5
100
1000
0.5
120
1.0
UDZS2V7B
D , 7D
2.69
2.91
5
110
1000
0.5
100
1.0
UDZS3V0B
D>, 7E
3.01
3.22
5
120
1000
0.5
50
1.0
UDZS3V3B
D<, 7F
3.32
3.53
5
120
1000
0.5
20
1.0
UDZS3V6B
D0, 7H
3.60
3.85
5
90
600
1.0
4.5
1.0
UDZS3V9B
D1, 7J
3.89
4.16
5
90
600
1.0
2.7
1.0
UDZS4V3B
D2, 7K
4.17
4.43
5
90
600
1.0
2.7
1.0
UDZS4V7B
D3, 7M
4.55
4.75
5
80
500
1.0
2.7
2.0
UDZS5V1B
D4, 7N
4.98
5.20
5
60
500
1.0
1.8
2.0
UDZS5V6B
D5, 7P
5.49
5.73
5
40
300
1.0
0.9
2.0
UDZS6V2B
D6, 7R
6.06
6.33
5
40
150
1.0
2.7
4.0
UDZS6V8B
D7, 7X
6.65
6.93
5
30
75
1.0
1.8
4.0
UDZS7V5B
D8, 7Y
7.28
7.60
5
30
75
1.0
0.9
5.0
UDZS8V2B
D9, 7Z
8.02
8.36
5
30
75
1.0
0.63
5.0
UDZS9V1B
DA, 8A
8.85
9.23
5
30
90
1.0
0.45
6.0
UDZS10VB
DB, 8B
9.77
10.21
5
20
150
1.0
0.18
7.0
UDZS11VB
DC, 8C
10.76
11.22
5
20
150
1.0
0.09
8.0
UDZS12VB
DE, 8D
11.74
12.24
5
20
150
1.0
0.09
8.0
UDZS13VB
DF, 8E
12.91
13.49
5
40
160
1.0
0.09
8.0
UDZS15VB
DG, 8F
14.34
14.98
5
40
190
1.0
0.045
10.5
UDZS16VB
DH, 8H
15.85
16.51
5
40
190
1.0
0.045
11.2
UDZS18VB
DJ, 8J
17.56
18.35
5
50
220
1.0
0.045
12.6
UDZS20VB
DK, 8K
19.52
20.39
5
60
220
1.0
0.045
14.0
UDZS22VB
DL, 8M
21.54
22.47
5
80
240
1.0
0.045
15.4
UDZS24VB
DM, 8N
23.72
24.78
5
80
240
1.0
0.045
16.8
UDZS27VB
DN, 8P
26.19
27.53
5
100
300
0.5
0.045
18.9
UDZS30VB
DP, 8R
29.19
30.69
5
100
300
0.5
0.045
21.0
UDZS33VB
DR, 8X
32.15
33.79
5
100
310
0.5
0.045
23.0
UDZS36VB
DS, 8Y
35.07
36.87
5
100
330
0.5
0.045
25.2
Notes:
1. VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types
2. The VZ is tested under pulse condition of 10 mS
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
SOD-323L
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.30
2.80
D
1.60
1.80
B
1.15
1.35
E
0.25
0.40
C
0.80
1.10
F
0.05
0.25
E
F
B
C
D
A


Similar Part No. - UDZS22VB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
UDZS22VB RECTRON-UDZS22VB Datasheet
213Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
logo
Yea Shin Technology Co....
UDZS22VB YEASHIN-UDZS22VB Datasheet
799Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
UDZS22VBW TAK_CHEONG-UDZS22VBW Datasheet
153Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - UDZS22VB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C2V4 SECOS-BZX84C2V4 Datasheet
284Kb / 4P
Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com