Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS-30-12 Datasheet (PDF) - MicroPower Direct, LLC

MPS-30-12 Datasheet PDF - MicroPower Direct, LLC
Part # MPS-30-12
Download  MPS-30-12 Download
File Size   890.29 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies

MPS-30-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-30-12 Datasheet PDF - MicroPower Direct, LLC

Part # MPS-30-12
Download  MPS-30-12 Click to download

File Size   890.29 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies

MPS-30-12 Datasheet (HTML) - MicroPower Direct, LLC


MPS-30-12 Product details

Low Cost, OpenFrame 30W EN60601 (Medical) Approved AC/DC PowerSupplies



Key Features:

•Universal AC Input - Full Range

• EN60601,UL2601 (Medical)Approved

•30W Ouput Power

•Low Leakage Current, < 0.3 mA

•Fixed Switching Frequency (100 kHz)

•>574 kHrs MTBF

• LOW COST!




Similar Part No. - MPS-30-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30-12 TOTAL-POWER-MPS-30-12 Datasheet
297Kb / 2P
30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS-30-12 ASTRODYNE-MPS-30-12 Datasheet
374Kb / 2P
30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30-12 MEANWELL-MPS-30-12 Datasheet
504Kb / 2P
30W Single Output for Medical Type
MPS-30-12 MEANWELL-MPS-30-12 Datasheet
506Kb / 2P
30W Single Output for Medical Type
MPS-30-12 MEANWELL-MPS-30-12 Datasheet
521Kb / 2P
30W Single Output for Medical Type
More results


Similar Description - MPS-30-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
30W Open Frame Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
30W Open Frame Type Medical Power Supplies
logo
Tumbler Technologies + ...
THM30 TRUMPOWER-THM30 Datasheet
80Kb / 2P
Medical Grade 30W Open Frame Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com