Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003IST5X Datasheet (PDF) - Cadeka Microcircuits LLC.

CLC1003IST5X Datasheet PDF - Cadeka Microcircuits LLC.
Part # CLC1003IST5X
Download  CLC1003IST5X Download
File Size   1990.11 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Low Distortion, Low Offset, RRIO Amplifier

CLC1003IST5X Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1003IST5X Datasheet PDF - Cadeka Microcircuits LLC.

Part # CLC1003IST5X
Download  CLC1003IST5X Click to download

File Size   1990.11 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Low Distortion, Low Offset, RRIO Amplifier

CLC1003IST5X Datasheet (HTML) - Cadeka Microcircuits LLC.


CLC1003IST5X Product details

General Description
The COMLINEAR CLC1003 is a single channel, high-performance, voltage feedback amplifer with near precision performance, low input voltage noise, and ultra low distortion. The CLC1003 family of amplifers offers 1mV maximum input offset voltage, 3.5nV/√Hz broadband input voltage noise, and 0.00005% THD at 1kHz. These amplifers also provide 55MHz gain bandwidth product and 12V/μs slew rate making them well suited for applications requiring precision DC performance and high AC performance. These COMLINEAR high-performance amplifers also offer a rail-to-rail input and output, simplifying single supply designs and offering larger dynamic range possibilities. The inputs extend beyond the rails by 500mV.

FEATURES
■  1mV max input offset voltage
■  0.00005% THD at 1kHz
■  5.3nV/√Hz input voltage noise >10kHz
■  -90dB/-85dB HD2/HD3 at 100kHz, RL=100Ω
■  <-100dB HD2 and HD3 at 10kHz, RL=1kΩ
■  Rail-to-Rail input and output
■  55MHz unity gain bandwidth
■  12V/μs slew rate
■  +80mA, -55mA output current
■  -40°C to +125°C operating temperature range
■  Fully specifed at 3V and ±5V supplies
■  CLC1003: Pb-free SOT23-5, SOIC-8
■  Future option CLC2003: Dual
■  Future option CLC4003: Quad

APPLICATIONS
■  Active flters
■  Sensor interface
■  High-speed transducer amp
■  Medical instrumentation
■  Probe equipment
■  Test equipment
■  Smoke detecters
■  Hand-held analytic instruments




Similar Part No. - CLC1003IST5X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003IST5X EXAR-CLC1003IST5X Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
More results


Similar Description - CLC1003IST5X

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
Low Distortion, Low Offset, RRIO Amplifier
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
Dual, Low Distortion, Low Offset, RRIO Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com