Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U20C20 Datasheet (PDF) - Mospec Semiconductor

U20C20 Datasheet PDF - Mospec Semiconductor
Part # U20C20
Download  U20C20 Download
File Size   138.54 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(20A,50-200V)

U20C20 Datasheet (PDF)

Go To PDF Page Download Datasheet
U20C20 Datasheet PDF - Mospec Semiconductor

Part # U20C20
Download  U20C20 Click to download

File Size   138.54 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(20A,50-200V)

U20C20 Datasheet (HTML) - Mospec Semiconductor


U20C20 Product details

Switchmode Dual Ultrafast Power Rectifiers
... Designed for use in switching power supplies. inverters and as free wheeling diodes.
These state-of-the-art device have the following features :

* High Surge Capacity.
* Low Power Loss, High efficiency
* Glass Passivated chip junctions
* Guarantee Reverse Avalanche
* 150℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Low Forward Voltage, High Current Capacity
* High-Switching Speed 35, Nanosecond Recovery Time
* Plastic Material used Carries Underwriters Laboratory
  




Similar Part No. - U20C20

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U20C20A THINKISEMI-U20C20A Datasheet
603Kb / 2P
Dual Common Anode Ultra Fast Recovery Diodes
U20C20A THINKISEMI-U20C20A Datasheet
605Kb / 2P
Dual Doubler Tandem Ultra Fast Recovery Diodes
U20C20A THINKISEMI-U20C20A Datasheet
817Kb / 2P
20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
U20C20A THINKISEMI-U20C20A_V01 Datasheet
817Kb / 2P
20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
U20C20C THINKISEMI-U20C20C Datasheet
603Kb / 2P
Dual Common Anode Ultra Fast Recovery Diodes
More results


Similar Description - U20C20

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(16A,50-200V)
F30D05 MOSPEC-F30D05 Datasheet
137Kb / 2P
POWER RECTIFIERS(30A,50-200V)
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(12A,50-200V)
U20D05 MOSPEC-U20D05 Datasheet
141Kb / 2P
POWER RECTIFIERS(20A,50-200V)
U30D05 MOSPEC-U30D05 Datasheet
138Kb / 2P
POWER RECTIFIERS(30A,50-200V)
URF2005 MOSPEC-URF2005 Datasheet
144Kb / 1P
POWER RECTIFIERS(20A,50-200V)
logo
KODENSHI_AUK CORP.
SF20A200HCI KODENSHI-SF20A200HCI Datasheet
264Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com