Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35005W Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

KBPC35005W Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # KBPC35005W
Download  KBPC35005W Download
File Size   581.31 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS

KBPC35005W Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC35005W Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # KBPC35005W
Download  KBPC35005W Click to download

File Size   581.31 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS

KBPC35005W Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


KBPC35005W Product details

REVERSE VOLTAGE: 50 to 1000 V FORWARD CURRENT: 35 A

Features
• Electrically isolated metal case for maximum heat dissipation
• Surge overload ratings to 500 A
• Low power loss, high efficiency
• Low reverse leakage current
• Case to terminal isolation voltage 2500 V
• UL recognized file # E-216968




Similar Part No. - KBPC35005W

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC35005W DCCOM-KBPC35005W Datasheet
423Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC35005W DAESAN-KBPC35005W Datasheet
231Kb / 2P
CURRENT 35.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC35005W BILIN-KBPC35005W Datasheet
78Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC35005W CHENG-YI-KBPC35005W Datasheet
129Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
KBPC35005W RFE-KBPC35005W Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
More results


Similar Description - KBPC35005W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBPC50005W SEMTECH_ELEC-KBPC50005W Datasheet
578Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC15005 SEMTECH_ELEC-KBPC15005 Datasheet
274Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC25005 SEMTECH_ELEC-KBPC25005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC35005 SEMTECH_ELEC-KBPC35005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com