Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35005W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC35005W
Description  HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC35005W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBPC35005W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC35005W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 15/02/2006 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
KBPC35005W~KBPC3510W
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE: 50 to 1000 V
FORWARD CURRENT: 35 A
Features
• Electrically isolated metal case for maximum
heat dissipation
• Surge overload ratings to 500 A
• Low power loss, high efficiency
• Low reverse leakage current
• Case to terminal isolation voltage 2500 V
• UL recognized file # E-216968
Mechanical data
• Metal or molded plastic with heatsink integrally
mounted in the bridge encapsulation
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols
KBPC
35005W
KBPC
3501W
KBPC
3502W
KBPC
3504W
KBPC
3506W
KBPC
3508W
KBPC
3510W
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current at TC = 55 OC
I(AV)
35
A
Peak Forward Surge Current, 8.3 ms Single Half-Sine
-Wave superimposed on rated load (JEDEC Method)
IFSM
400
A
Maximum Forward Voltage at 17.5 A DC and 25 OC
VF
1.2
V
Maximum Reverse Current at TA = 25 OC
at Rated DC Blocking Voltage TA = 125 OC
IR
10
1000
µA
Typical Junction Capacitance
1)
CJ
300
pF
Typical Thermal Resistance
2)
RθJC
1.4
O
C/W
Operating and Storage Temperature Range
TJ,TS
-55 to +150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Thermal resistance from junction to case per leg.
KBPCW
Dimensions in inches and (mm)


Similar Part No. - KBPC35005W

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC35005W DCCOM-KBPC35005W Datasheet
423Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC35005W DAESAN-KBPC35005W Datasheet
231Kb / 2P
CURRENT 35.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC35005W BILIN-KBPC35005W Datasheet
78Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC35005W CHENG-YI-KBPC35005W Datasheet
129Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
KBPC35005W RFE-KBPC35005W Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
More results

Similar Description - KBPC35005W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBPC50005W SEMTECH_ELEC-KBPC50005W Datasheet
578Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC15005 SEMTECH_ELEC-KBPC15005 Datasheet
274Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC25005 SEMTECH_ELEC-KBPC25005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC35005 SEMTECH_ELEC-KBPC35005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com