Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1GT03 Datasheet (PDF) - Leshan Radio Company

L74VHC1GT03 Datasheet PDF - Leshan Radio Company
Part # L74VHC1GT03
Download  L74VHC1GT03 Download
File Size   215.29 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs

L74VHC1GT03 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1GT03 Datasheet PDF - Leshan Radio Company

Part # L74VHC1GT03
Download  L74VHC1GT03 Click to download

File Size   215.29 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs

L74VHC1GT03 Datasheet (HTML) - Leshan Radio Company


L74VHC1GT03 Product details

2–Input NOR Gate with Open Drain Output with LSTTL–Compatible Inputs

The L74VHC1GT03 is an advanced high speed CMOS 2–input NOR gate with an open drain output fabricated with silicon gate CMOS technology. It achieves high speed peration similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including an open drain output which provides the ability to set output switching level.
This allows the L74VHC1GT03 to be used to interface 5 V circuits to circuits of any voltage between V CC and 7 V using an external resistor and power supply.
The device input is compatible with TTL–type input thresholds and the output has a full 5.0 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.
The L74VHC1GT03 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT03 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: t PD = 3.6 ns (Typ) at V CC = 5 V
• Low Internal Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 62; Equivalent Gates = 16




Similar Part No. - L74VHC1GT03

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results


Similar Description - L74VHC1GT03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
194Kb / 8P
2-Input NOR Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
Leshan Radio Company
L74VHC1GT01 LRC-L74VHC1GT01 Datasheet
252Kb / 6P
2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT02 LRC-L74VHC1GT02 Datasheet
206Kb / 6P
2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
2-Input AND Gate with LSTTL-Compatible Inputs
L74VHC1GT09 LRC-L74VHC1GT09 Datasheet
198Kb / 6P
2-Input AND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT86A ONSEMI-MC74HCT86A Datasheet
166Kb / 8P
Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74VHC1G03 ONSEMI-MC74VHC1G03_V01 Datasheet
171Kb / 14P
Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com