Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LESD9D3.3T5G Datasheet (PDF) - Leshan Radio Company

LESD9D3.3T5G Datasheet PDF - Leshan Radio Company
Part # LESD9D3.3T5G
Download  LESD9D3.3T5G Download
File Size   469.87 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description ESD PROTECTION DIODE

LESD9D3.3T5G Datasheet (PDF)

Go To PDF Page Download Datasheet
LESD9D3.3T5G Datasheet PDF - Leshan Radio Company

Part # LESD9D3.3T5G
Download  LESD9D3.3T5G Click to download

File Size   469.87 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description ESD PROTECTION DIODE

LESD9D3.3T5G Datasheet (HTML) - Leshan Radio Company


LESD9D3.3T5G Product details

Discription
The LESD9D3.3T5G is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small size, it is suited for use in cellular phones, digital cameras and many other portable applications where board space is at a premium.

Features
● Small Body Outline Dimensions:
   0.039 ″ x 0.024 ″ (1.0 mm x 0.60 mm)
● Low Body Height: 0.017 ″ (0.43 mm) Max
● Stand−off Voltage: 3.3 V
● Low Leakage
● Response Time is Typically < 1 ns
● ESD Rating of Class 3 per Human Body Model
● IEC61000−4−2 Level 4 ESD Protection
● These are Pb−Free Devices
● We declare that the material of product
   compliance with RoHS requirements and Halogen Free.
● S-Prefix for Automotive and Other Applications Requiring Unique Site
   and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.

Applications
● Cellular phones audio
● Digital cameras
● Portable applications
● Mobile telephone




Similar Part No. - LESD9D3.3T5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
More results


Similar Description - LESD9D3.3T5G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com