Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP114 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP114 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP114
Download  EMP114 Download
File Size   187.49 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 7.0 - 9.0 GHz Power Amplifier MMIC

EMP114 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP114 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP114
Download  EMP114 Click to download

File Size   187.49 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 7.0 - 9.0 GHz Power Amplifier MMIC

EMP114 Datasheet (HTML) - Excelics Semiconductor, Inc.


EMP114 Product details

FEATURES
• 7.0 – 9.0 GHz Operating Frequency Range
• 30.0dBm Output Power at 1dB Compression
• 19.0 dB Typical Small Signal Gain
• -40dBc OIMD3 @Each Tone Pout 20dBm

APPLICATIONS
• Point-to-point and point-to-multipoint radio
• Military Radar Systems




Similar Part No. - EMP114

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-Q5 EXCELICS-EMP114-Q5 Datasheet
125Kb / 3P
7.0 - 9.0 GHz Surface-Mounted PA
More results


Similar Description - EMP114

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Excelics Semiconductor,...
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
7.0 - 9.5 GHz Power Amplifier MMIC
EMP108-P1 EXCELICS-EMP108-P1 Datasheet
87Kb / 1P
7.0 -9.5 GHz Power Amplifier MMIC
EMP111 EXCELICS-EMP111 Datasheet
207Kb / 3P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP211-P1 EXCELICS-EMP211-P1 Datasheet
94Kb / 2P
9.0 - 12.0 GHz Power Amplifier MMIC
EMP212-P1 EXCELICS-EMP212-P1 Datasheet
94Kb / 2P
9.0 - 12.0 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com