Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP212-P1 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP212-P1 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP212-P1
Download  EMP212-P1 Download
File Size   94.14 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 9.0 - 12.0 GHz Power Amplifier MMIC

EMP212-P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP212-P1 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP212-P1
Download  EMP212-P1 Click to download

File Size   94.14 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 9.0 - 12.0 GHz Power Amplifier MMIC

EMP212-P1 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EMP212-P1

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP212-Q5 EXCELICS-EMP212-Q5 Datasheet
140Kb / 4P
9.5 -12.0 GHz Surface-Mounted PA
More results


Similar Description - EMP212-P1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0038 MACOM-MAAPGM0038 Datasheet
185Kb / 5P
1.2W Power Amplifier 9.0-12.0 GHZ
MAAP-000038-PKG003 MACOM-MAAP-000038-PKG003 Datasheet
234Kb / 5P
Amplifier, Power, 1.2W 9.0-12.0 GHz
logo
Excelics Semiconductor,...
EMP111 EXCELICS-EMP111 Datasheet
207Kb / 3P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114 EXCELICS-EMP114 Datasheet
187Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP210-P1 EXCELICS-EMP210-P1 Datasheet
94Kb / 2P
9.5 - 12.0 GHz Power Amplifier MMIC
EMP211 EXCELICS-EMP211 Datasheet
170Kb / 2P
9.5 - 12.0 GHz Power Amplifier MMIC
EMP211-P1 EXCELICS-EMP211-P1 Datasheet
94Kb / 2P
9.0 - 12.0 GHz Power Amplifier MMIC
EMP212 EXCELICS-EMP212 Datasheet
200Kb / 2P
9.50 - 12.0 GHz Power Amplifier MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com