Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP209-P1 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP209-P1 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP209-P1
Download  EMP209-P1 Download
File Size   94.08 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17 - 20 GHz Power Amplifier MMIC

EMP209-P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP209-P1 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP209-P1
Download  EMP209-P1 Click to download

File Size   94.08 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17 - 20 GHz Power Amplifier MMIC

EMP209-P1 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EMP209-P1

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP209-Q5 EXCELICS-EMP209-Q5 Datasheet
127Kb / 3P
17.0 - 20.0 GHz Surface-Mounted PA
More results


Similar Description - EMP209-P1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283 Datasheet
284Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC498 HITTITE-HMC498 Datasheet
210Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Excelics Semiconductor,...
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
17 - 20 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH196 HITTITE-HMC-APH196 Datasheet
204Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 17 - 30 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC498 HITTITE-HMC498_10 Datasheet
259Kb / 6P
GaAs pHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com