Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP215-P1 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP215-P1 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP215-P1
Download  EMP215-P1 Download
File Size   94.08 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.5 - 16.5 GHz Power Amplifier MMIC

EMP215-P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP215-P1 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP215-P1
Download  EMP215-P1 Click to download

File Size   94.08 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.5 - 16.5 GHz Power Amplifier MMIC

EMP215-P1 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EMP215-P1

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP215-Q5 EXCELICS-EMP215-Q5 Datasheet
124Kb / 3P
12.5 - 16.5 GHz Surface-Mounted PA
More results


Similar Description - EMP215-P1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
logo
Tyco Electronics
MAAPGM0037-DIE MACOM-MAAPGM0037-DIE Datasheet
189Kb / 5P
Amplifier, Power, 1.0W 6.5-12.5 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
Amplifier, Power, 0.5W 11.5-16.5 GHz
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
logo
Excelics Semiconductor,...
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
12.5 - 15.5 GHz Power Amplifier MMIC
EMP213-Q5 EXCELICS-EMP213-Q5 Datasheet
126Kb / 3P
12.5 - 16.5 GHz Surface-Mounted PA
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-Q5 EXCELICS-EMP215-Q5 Datasheet
124Kb / 3P
12.5 - 16.5 GHz Surface-Mounted PA
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
12.5 - 15.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1931D TRANSCOM-TC1931D Datasheet
85Kb / 3P
12.5 - 15.5 GHz 21dBm MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com