Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1216-2W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA1216-2W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA1216-2W
Download  RFMA1216-2W Download
File Size   92.62 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.5 - 15.5 GHz Power Amplifier MMIC

RFMA1216-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA1216-2W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA1216-2W
Download  RFMA1216-2W Click to download

File Size   92.62 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.5 - 15.5 GHz Power Amplifier MMIC

RFMA1216-2W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA1216-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1213-1W EXCELICS-RFMA1213-1W Datasheet
92Kb / 2P
12.70 - 13.30 GHz Power Amplifier MMIC
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
12.7 - 13.3 GHz Power Amplifier MMIC
RFMA1214-0.5W-Q7 EXCELICS-RFMA1214-0.5W-Q7 Datasheet
131Kb / 3P
12.5- 14.5GHz High Gain Surface-Mounted PA
RFMA1214-1W-Q7 EXCELICS-RFMA1214-1W-Q7 Datasheet
146Kb / 4P
12.50 - 14.50 GHz High-Gain Surface Mounted PA
More results


Similar Description - RFMA1216-2W

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LM1 HITTITE-HMC441LM1 Datasheet
318Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
logo
Excelics Semiconductor,...
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
12.5 - 15.5 GHz Power Amplifier MMIC
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
12.5 - 16.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1931D TRANSCOM-TC1931D Datasheet
85Kb / 3P
12.5 - 15.5 GHz 21dBm MMIC
logo
Hittite Microwave Corpo...
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com