Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1216-2W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA1216-2W
Description  12.5 - 15.5 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1216-2W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA1216-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1216-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA1216-2W
UPDATED 12/05/2007
12.5 – 15.5 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised December 2007
Excelics
-2W
RFMA1216
FEATURES
•
12.50– 15.50GHz Operating Frequency Range
•
32 dBm Output Power at 1dB Compression
•
28 dB Typical Power Gain @ 1dB Gain Compression
•
-41dBc Typical OIM3 @ each tone Pout 21dBm
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
12.5
15.5
GHz
P1dB
Output Power at 1dB Gain Compression
31
32
dBm
G1dB
Gain @ 1dB gain compression
25
28
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 21 dBm
-41
-38
dBc
Input RL
Input Return Loss
-10
-8
dB
Output RL
Output Return Loss
-15
-8
dB
Idd
Drain Current
1900
2150
mA
Vdd
Drain Voltage
7
8
V
Vgg
Gate Voltage
-5
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
4.0
4.5
oC/W
Tb
Operating Base Plate Temperature
-30
+80
ºC
MAXIMUM RATINGS @25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VDD
Drain Supply Voltage
12V
8V
VGG
Gate Supply Voltage
-8V
-3V
IDD
Drain Current
Idss
3.6A
IGG
Gate Current
240mA
40mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
30.0W
25.2W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH; where Tb = operating base plate temperature


Similar Part No. - RFMA1216-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1213-1W EXCELICS-RFMA1213-1W Datasheet
92Kb / 2P
12.70 - 13.30 GHz Power Amplifier MMIC
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
12.7 - 13.3 GHz Power Amplifier MMIC
RFMA1214-0.5W-Q7 EXCELICS-RFMA1214-0.5W-Q7 Datasheet
131Kb / 3P
12.5- 14.5GHz High Gain Surface-Mounted PA
RFMA1214-1W-Q7 EXCELICS-RFMA1214-1W-Q7 Datasheet
146Kb / 4P
12.50 - 14.50 GHz High-Gain Surface Mounted PA
More results

Similar Description - RFMA1216-2W

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LM1 HITTITE-HMC441LM1 Datasheet
318Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
logo
Excelics Semiconductor,...
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
12.5 - 15.5 GHz Power Amplifier MMIC
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
12.5 - 16.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1931D TRANSCOM-TC1931D Datasheet
85Kb / 3P
12.5 - 15.5 GHz 21dBm MMIC
logo
Hittite Microwave Corpo...
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com