Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP38C42ESA Datasheet (PDF) - A1 PROs co., Ltd.

IMP38C42ESA Datasheet PDF - A1 PROs co., Ltd.
Part # IMP38C42ESA
Download  IMP38C42ESA Download
File Size   165.63 Kbytes
Page   10 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode

IMP38C42ESA Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP38C42ESA Datasheet PDF - A1 PROs co., Ltd.

Part # IMP38C42ESA
Download  IMP38C42ESA Click to download

File Size   165.63 Kbytes
Page   10 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode

IMP38C42ESA Datasheet (HTML) - A1 PROs co., Ltd.


IMP38C42ESA Product details

The IMP38C4x and IMP38HC4x are fixed frequency, high performance, current-mode PWM controllers that are pin compatible with bipolar 384x devices but feature improvements resulting from IMP’s BiCMOS processing and circuit design. Notable among the improvements are zero cross-conduction/shoot-through current, reduced start-up and operating current, lower current-sense delay, higher frequency operation, full supply voltage swing at the output and a 1% trimmed voltage reference.
   
Key Features
◆ 384x Series Pinout with BiCMOS Technology
◆ Zero Cross-Conduction Current by Design
◆ 1MHz Operation
◆ 65ns Maximum Current-Sense Delay
◆ 120µA Maximum Start-Up Current
◆ 1.5mA Maximum Operating Current
◆ High Output Current Drive
    – 1.0A, IMP38HC4x
    – 0.5A, IMP38C4x
◆ 20V Maximum Supply Voltage
◆ 2.5V, 1%, Trimmed Error Amplifier Reference
◆ Trimmed Oscillator Discharge Current
◆ Pin-for-Pin Enhanced Replacements for Micrel
    MIC38C/HC4x and GMT38C4x/HC4x
   




Similar Part No. - IMP38C42ESA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP38C42ESA IMP-IMP38C42ESA Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
More results


Similar Description - IMP38C42ESA

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300509-2 PASTERNACK-PE300509-2 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300511-1 PASTERNACK-PE300511-1 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE ,MODE CONDITIONING
PE300511-2 PASTERNACK-PE300511-2 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE,MODE
PE300511-3 PASTERNACK-PE300511-3 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGEL MODE &MULTI MODE MODE CONDITIONING
PE300521-1 PASTERNACK-PE300521-1 Datasheet
115Kb / 1P
CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300521-2 PASTERNACK-PE300521-2 Datasheet
115Kb / 1P
CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300531-3 PASTERNACK-PE300531-3 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
Current Mode Control Step-Switching Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com