Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1415-2W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA1415-2W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA1415-2W
Download  RFMA1415-2W Download
File Size   93.16 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 14.4 - 15.4 GHz Power Amplifier MMIC

RFMA1415-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA1415-2W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA1415-2W
Download  RFMA1415-2W Click to download

File Size   93.16 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 14.4 - 15.4 GHz Power Amplifier MMIC

RFMA1415-2W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA1415-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1415-0.5W EXCELICS-RFMA1415-0.5W Datasheet
117Kb / 3P
14.40 - 15.40 GHz Power Amplifier MMIC
RFMA1415-0.5W-Q7 EXCELICS-RFMA1415-0.5W-Q7 Datasheet
150Kb / 4P
14.40- 15.40GHz High Gain Surface-Mounted PA
RFMA1415-1W EXCELICS-RFMA1415-1W Datasheet
117Kb / 3P
14.40 - 15.40 GHz Power Amplifier MMIC
RFMA1415-1W-Q7 EXCELICS-RFMA1415-1W-Q7 Datasheet
153Kb / 5P
14.4 - 15.4 GHz High Gain Surface-Mounted PA
More results


Similar Description - RFMA1415-2W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
logo
Excelics Semiconductor,...
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
6.4 - 8.0 GHz Power Amplifier MMIC
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
RFMA1415-1W-Q7 EXCELICS-RFMA1415-1W-Q7 Datasheet
153Kb / 5P
14.4 - 15.4 GHz High Gain Surface-Mounted PA
logo
TriQuint Semiconductor
TGC2610-SM TRIQUINT-TGC2610-SM_15 Datasheet
880Kb / 17P
10 GHz ??15.4 GHz Downconverter
logo
Pasternack Enterprises,...
PE15A5021 PASTERNACK-PE15A5021 Datasheet
544Kb / 9P
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
logo
Analog Devices
ADMV1009 AD-ADMV1009 Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com