Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1720-1W-Q7 Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA1720-1W-Q7 Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA1720-1W-Q7
Download  RFMA1720-1W-Q7 Download
File Size   146.52 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17.7 - 19.7 GHz High-Gain Surface Mounted PA

RFMA1720-1W-Q7 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA1720-1W-Q7 Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA1720-1W-Q7
Download  RFMA1720-1W-Q7 Click to download

File Size   146.52 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17.7 - 19.7 GHz High-Gain Surface Mounted PA

RFMA1720-1W-Q7 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA1720-1W-Q7

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1720-1W EXCELICS-RFMA1720-1W Datasheet
91Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Similar Description - RFMA1720-1W-Q7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 1.3W 17.7-19.7 GHz
logo
Excelics Semiconductor,...
RFMA0912-0.5W-Q7 EXCELICS-RFMA0912-0.5W-Q7 Datasheet
133Kb / 3P
9.5 - 11.7 GHz High Gain Surface-Mounted PA
RFMA0912-1W-Q7 EXCELICS-RFMA0912-1W-Q7 Datasheet
150Kb / 4P
9.50 - 11.70 GHz High-Gain Surface Mounted PA
RFMA1214-1W-Q7 EXCELICS-RFMA1214-1W-Q7 Datasheet
146Kb / 4P
12.50 - 14.50 GHz High-Gain Surface Mounted PA
RFMA1415-1W-Q7 EXCELICS-RFMA1415-1W-Q7 Datasheet
153Kb / 5P
14.4 - 15.4 GHz High Gain Surface-Mounted PA
RFMA1720-0.5W-Q7 EXCELICS-RFMA1720-0.5W-Q7 Datasheet
130Kb / 3P
17.7 - 19.7 GHz High Gain Surface-Mounted PA
RFMA5065-0.5W-Q7 EXCELICS-RFMA5065-0.5W-Q7 Datasheet
130Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA5065-1W-Q7 EXCELICS-RFMA5065-1W-Q7 Datasheet
131Kb / 3P
5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA5872-1W-Q7 EXCELICS-RFMA5872-1W-Q7 Datasheet
130Kb / 3P
5.8 - 7.2 GHz High Gain Surface-Mounted PA
RFMA5880-0.5W-Q7 EXCELICS-RFMA5880-0.5W-Q7 Datasheet
130Kb / 3P
5.8 - 8.0 GHz High Gain Surface-Mounted PA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com