Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1720-1W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA1720-1W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA1720-1W
Download  RFMA1720-1W Download
File Size   91.72 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17.5 - 20.0 GHz Power Amplifier MMIC

RFMA1720-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA1720-1W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA1720-1W
Download  RFMA1720-1W Click to download

File Size   91.72 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17.5 - 20.0 GHz Power Amplifier MMIC

RFMA1720-1W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA1720-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1720-1W-Q7 EXCELICS-RFMA1720-1W-Q7 Datasheet
146Kb / 4P
17.7 - 19.7 GHz High-Gain Surface Mounted PA
More results


Similar Description - RFMA1720-1W

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
17.5-31.5GHz Power Amplifier MMIC
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
17.5-20GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP209 EXCELICS-EMP209 Datasheet
184Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
RFMA1720-2W EXCELICS-RFMA1720-2W Datasheet
92Kb / 2P
17.50 - 20.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com