Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1720-1W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA1720-1W
Description  17.5 - 20.0 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1720-1W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA1720-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1720-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFMA1720-1W
ISSUED 06/28/2005
17.5 – 20.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised June 2005
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –THS)/RTH; where THS = base plate temperature
01 Package Dimension and Pin Assignment
10X 0.100±0.010
PIN1 Indicator
0.200
0.040
10X 0.004
4X 0.100
4X 0.050
RF IN
4X.050 CHAMFER
0.330
0.025
RFMA1720
-1W-01
Excelics
Vgg
NC
Vgg
NC
Vdd
NC
NC
Vdd
10X 0.013
RF OUT
0.165
0.060
2X DIA .090 THRU
ALL DIMENSIONS IN INCHES
Ordering Information
Part Number
RFMA1720-1W-01
Refer 01 Package Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com