Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA25LS-050 Datasheet (PDF) - Phihong USA Inc.

PSA25LS-050 Datasheet PDF - Phihong USA Inc.
Part # PSA25LS-050
Download  PSA25LS-050 Download
File Size   173.3 Kbytes
Page   2 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description 25W Universal Input, Compact PCB

PSA25LS-050 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSA25LS-050 Datasheet PDF - Phihong USA Inc.

Part # PSA25LS-050
Download  PSA25LS-050 Click to download

File Size   173.3 Kbytes
Page   2 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description 25W Universal Input, Compact PCB

PSA25LS-050 Datasheet (HTML) - Phihong USA Inc.




Similar Part No. - PSA25LS-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25LS-050 PHIHONG-PSA25LS-050 Datasheet
81Kb / 3P
25W Universal Input, Compact PCB
More results


Similar Description - PSA25LS-050

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
logo
Phihong USA Inc.
PSM202A PHIHONG-PSM202A Datasheet
148Kb / 2P
18W Universal Input, Compact PCB, 3.3V/5V Outputs
PSA15LN PHIHONG-PSA15LN Datasheet
64Kb / 3P
15W Universal Input, Compact PCB, 3.3 to 24V DC
PSA25LS-033 PHIHONG-PSA25LS-033_14 Datasheet
81Kb / 3P
25W Universal Input, Compact PCB
logo
MicroPower Direct, LLC
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
logo
GAPTEC Electronic GmbH ...
25ACBE GAPTEC-25ACBE Datasheet
2Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACBEW GAPTEC-25ACBEW Datasheet
4Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACP GAPTEC-25ACP Datasheet
776Kb / 3P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com