Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA25LS-050 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA25LS-050
Description  25W Universal Input, Compact PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA25LS-050 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA25LS-050 Datasheet HTML 1Page - Phihong USA Inc. PSA25LS-050 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
25W Universal Input, Compact PCB
PSA25LS Open Frame with C14 Connector
US
C
Applications
• Networking
• Peripherals and Terminals
• Compact Equipment
• Microcomputers
Features
• Compact 2" x 5" PCB
• Low .85" Profile
• CISPR 22B; FCC B EMI
• Integral AC Connector
Mechanical Characteristics
Dimensions:• Length: 127mm (5in)
• Height: 21.5mm (0.846in)
• Width: 50.8mm (2in)
• Weight: 135gm (4.7oz)
Safety Approvals Pending
• cUL 1950, 3rd Edition
• TUV EN60950
• CE (Low Voltage Directive)
Output Specifications
16.5W
25.0W
+2%
+2%
+1%
+1%
50mV
50mV
5A
5A
0A
0A
3.3V
5.0V
PSA25LS-033
PSA25LS-050
Model
DC Output
Load
Ripple(1)
Regulation
Max
Voltage
Min.
Max.
P-P
Line
Load
Power
(1) Measured at full load by using a 12 inch twisted pair terminated with a 10mfd capacitor and a 0.1mfd
ceramic in parallel


Similar Part No. - PSA25LS-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25LS-050 PHIHONG-PSA25LS-050 Datasheet
81Kb / 3P
25W Universal Input, Compact PCB
More results

Similar Description - PSA25LS-050

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
logo
Phihong USA Inc.
PSM202A PHIHONG-PSM202A Datasheet
148Kb / 2P
18W Universal Input, Compact PCB, 3.3V/5V Outputs
PSA15LN PHIHONG-PSA15LN Datasheet
64Kb / 3P
15W Universal Input, Compact PCB, 3.3 to 24V DC
PSA25LS-033 PHIHONG-PSA25LS-033_14 Datasheet
81Kb / 3P
25W Universal Input, Compact PCB
logo
MicroPower Direct, LLC
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
logo
GAPTEC Electronic GmbH ...
25ACBE GAPTEC-25ACBE Datasheet
2Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACBEW GAPTEC-25ACBEW Datasheet
4Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACP GAPTEC-25ACP Datasheet
776Kb / 3P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com