Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5046 Datasheet (PDF) - Molex Electronics Ltd.

5046 Datasheet PDF - Molex Electronics Ltd.
Part # 5046
Download  5046 Download
File Size   69.47 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK Mini -2.50mm & 2.54mm Modular Interconnection System

5046 Datasheet (PDF)

Go To PDF Page Download Datasheet
5046 Datasheet PDF - Molex Electronics Ltd.

Part # 5046
Download  5046 Click to download

File Size   69.47 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK Mini -2.50mm & 2.54mm Modular Interconnection System

5046 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 5046

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5046 KEYSTONE-5046 Datasheet
277Kb / 1P
THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Heyco.
5046 HEYCO-5046 Datasheet
289Kb / 1P
Padded Male Blades
logo
Molex Electronics Ltd.
5046 MOLEX-5046 Datasheet
36Kb / 2P
Mini-Latch Wire-to-Board System
10/18/2018
5046-02A MOLEX2-5046-02A Datasheet
104Kb / 3P
2.50mm (.098) Pitch Wire-to-Board Header, Right Angle, Friction Lock, 2 Circuits, Tin (Sn) Plating
5046-02A MOLEX11-5046-02A Datasheet
44Kb / 2P
Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 2 Circuits, Tin (Sn) Plating
More results


Similar Description - 5046

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3192 MOLEX-3192 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Tyco Electronics
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
STEP-Z Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
GET.64 Interconnection System
4-2010.
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com