Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL0189 Datasheet (PDF) - Advanced Semiconductor Business Inc.

APL0189 Datasheet PDF - Advanced Semiconductor Business Inc.
Part # APL0189
Download  APL0189 Download
File Size   140.04 Kbytes
Page   1 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description PLL Module

APL0189 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL0189 Datasheet PDF - Advanced Semiconductor Business Inc.

Part # APL0189
Download  APL0189 Click to download

File Size   140.04 Kbytes
Page   1 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description PLL Module

APL0189 Datasheet (HTML) - Advanced Semiconductor Business Inc.


APL0189 Product details

Description
The plerowTM PLL synthesizer module was designed for use in wireless and wireline systems in a wide range of frequency from 50 MHz to 6 GHz. ASB’s PLL provides exceptionally low spurious and phase noise performance with fast locking time and low current consumption. All products are available in a surface-mount type package.

Features
• +4 dBm Output Level at 189.25 MHz
• Channel Step Size : 25 kHz
• 2nd Harmonic : < -20 dBc
• Spurious Level : < -70 dBc
• Lock Time : < 10 ms
• 22 mA Current Consumption




Similar Part No. - APL0189

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0189.19-R ASB-APL0189.19-R Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
APL0189.19-RT ASB-APL0189.19-RT Datasheet
258Kb / 2P
PLL Synthesizer Module
June 2010
APL0189.19-T ASB-APL0189.19-T Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
APL0189 ASB-APL0189_13 Datasheet
223Kb / 2P
PLL Synthesizer Module
June 2010
More results


Similar Description - APL0189

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1607 ASB-APL1607 Datasheet
162Kb / 1P
PLL Module
September 2007
APL1607.5 ASB-APL1607.5 Datasheet
84Kb / 1P
PLL Module
June 2008
APL1685 ASB-APL1685 Datasheet
250Kb / 2P
PLL Module
May 2009
APL1825-R ASB-APL1825-R Datasheet
81Kb / 1P
PLL Module
2006-06-14
APL1950.38 ASB-APL1950.38 Datasheet
81Kb / 1P
PLL Module
7/24/2006
APL2482-RT ASB-APL2482-RT Datasheet
81Kb / 1P
PLL Module
7/5/2006
APL2572 ASB-APL2572 Datasheet
139Kb / 1P
PLL Module
March 2004
APLT0730-T ASB-APLT0730-T Datasheet
127Kb / 1P
PLL Module
March 2007
APLT0830-RT ASB-APLT0830-RT Datasheet
147Kb / 1P
PLL Module
May 2008
APLT2040-RT ASB-APLT2040-RT Datasheet
157Kb / 1P
PLL Module
March 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com