Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF869C Datasheet (PDF) - Vanlong Technology Co., Ltd.

SF869C Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SF869C
Download  SF869C Download
File Size   58.98 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 869.00 MHz SAW Filter

SF869C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF869C Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SF869C
Download  SF869C Click to download

File Size   58.98 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 869.00 MHz SAW Filter

SF869C Datasheet (HTML) - Vanlong Technology Co., Ltd.


SF869C Product details

869.00 MHz SAW Filter
   
• Ideal for Wireless Audio Applications in 869.00 MHz
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Rugged, Hermetic, Low Profile F-11 Package
• Complies with Directive 2002/95/EC (RoHS Compliant)
   




Similar Part No. - SF869C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF86 RECTRON-SF86 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Bytes
SF86 BYTES-SF86 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF86 DCCOM-SF86 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF86 FORMOSA-SF86 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF86 DAESAN-SF86 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
More results


Similar Description - SF869C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
RF Monolithics, Inc
SF2137D RFM-SF2137D Datasheet
696Kb / 4P
869.00 MHz SAW Filter
SF2137E RFM-SF2137E Datasheet
898Kb / 6P
869.00 MHz SAW Filter
SF2137E-1 RFM-SF2137E-1 Datasheet
829Kb / 5P
869.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2137E MURATA-SF2137E Datasheet
358Kb / 6P
Steep Roll-off Filter for 869.00 MHz Unlicensed Band
logo
Murata Manufacturing Co...
SF2415E-1 MURATA1-SF2415E-1 Datasheet
654Kb / 5P
869.00 MHz SAW Filter
April 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com