Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2137D Datasheet (PDF) - RF Monolithics, Inc

SF2137D Datasheet PDF - RF Monolithics, Inc
Part # SF2137D
Download  SF2137D Download
File Size   696.46 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 869.00 MHz SAW Filter

SF2137D Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2137D Datasheet PDF - RF Monolithics, Inc

Part # SF2137D
Download  SF2137D Click to download

File Size   696.46 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 869.00 MHz SAW Filter

SF2137D Datasheet (HTML) - RF Monolithics, Inc


SF2137D Product details

• Steep Roll-off Filter for 869.00 MHz Unlicensed band

• Complies with Directive 2002/95/EC (RoHS)

• No Matching Required for Operation in 50Ω Environment




Similar Part No. - SF2137D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2137E RFM-SF2137E Datasheet
898Kb / 6P
869.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2137E MURATA-SF2137E Datasheet
358Kb / 6P
Steep Roll-off Filter for 869.00 MHz Unlicensed Band
logo
RF Monolithics, Inc
SF2137E-1 RFM-SF2137E-1 Datasheet
829Kb / 5P
869.00 MHz SAW Filter
More results


Similar Description - SF2137D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Vanlong Technology Co.,...
SF869C VANLONG-SF869C Datasheet
58Kb / 2P
869.00 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
RF Monolithics, Inc
SF2137E RFM-SF2137E Datasheet
898Kb / 6P
869.00 MHz SAW Filter
SF2137E-1 RFM-SF2137E-1 Datasheet
829Kb / 5P
869.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2137E MURATA-SF2137E Datasheet
358Kb / 6P
Steep Roll-off Filter for 869.00 MHz Unlicensed Band
logo
Murata Manufacturing Co...
SF2415E-1 MURATA1-SF2415E-1 Datasheet
654Kb / 5P
869.00 MHz SAW Filter
April 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com