Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4663 Datasheet (PDF) - Analog Devices

ADN4663 Datasheet PDF - Analog Devices
Part # ADN4663
Download  ADN4663 Download
File Size   249.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Differential Driver

ADN4663 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4663 Datasheet PDF - Analog Devices

Part # ADN4663
Download  ADN4663 Click to download

File Size   249.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Differential Driver

ADN4663 Datasheet (HTML) - Analog Devices


ADN4663 Product details

GENERAL DESCRIPTION
The ADN4663 is a dual, CMOS, low voltage differential signaling (LVDS) line driver offering data rates of over 600 Mbps (300 MHz), and ultralow power consumption. It features a flow-through pinout for easy PCB layout and separation of input and output signals.

FEATURES
   ±15 kV ESD protection on output pins
   600 Mbps (300 MHz) switching rates
   Flow-through pinout simplifies PCB layout
   300 ps typical differential skew
   700 ps maximum differential skew
   1.5 ns maximum propagation delay
   3.3 V power supply
   ±355 mV differential signaling
   Low power dissipation: 23 mW typical
   Interoperable with existing 5 V LVDS receivers
   Conforms to TIA/EIA-644 LVDS standard
   Industrial operating temperature range (−40°C to +85°C)
   Available in surface-mount (SOIC) package

APPLICATIONS
   Backplane data transmission
   Cable data transmission
   Clock distribution




Similar Part No. - ADN4663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663 AD-ADN4663 Datasheet
593Kb / 12P
LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4663 AD-ADN4663 Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
More results


Similar Description - ADN4663

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
LVDS Single High Speed Differential Driver
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
High speed differential line driver
Rev. 01-6 August 2002
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com