Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4663BRZ Datasheet (PDF) - Analog Devices

ADN4663BRZ Datasheet PDF - Analog Devices
Part # ADN4663BRZ
Download  ADN4663BRZ Download
File Size   249.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 3 V, CMOS, LVDS High Speed Differential Driver

ADN4663BRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4663BRZ Datasheet PDF - Analog Devices

Part # ADN4663BRZ
Download  ADN4663BRZ Click to download

File Size   249.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 3 V, CMOS, LVDS High Speed Differential Driver

ADN4663BRZ Datasheet (HTML) - Analog Devices


ADN4663BRZ Product details

GENERAL DESCRIPTION
The ADN4663 is a dual, CMOS, low voltage differential signaling (LVDS) line driver offering data rates of over 600 Mbps (300 MHz), and ultralow power consumption. It features a flow-through pinout for easy PCB layout and separation of input and output signals.

FEATURES
   ±15 kV ESD protection on output pins
   600 Mbps (300 MHz) switching rates
   Flow-through pinout simplifies PCB layout
   300 ps typical differential skew
   700 ps maximum differential skew
   1.5 ns maximum propagation delay
   3.3 V power supply
   ±355 mV differential signaling
   Low power dissipation: 23 mW typical
   Interoperable with existing 5 V LVDS receivers
   Conforms to TIA/EIA-644 LVDS standard
   Industrial operating temperature range (−40°C to +85°C)
   Available in surface-mount (SOIC) package

APPLICATIONS
   Backplane data transmission
   Cable data transmission
   Clock distribution




Similar Part No. - ADN4663BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ-REEL7 AD-ADN4663BRZ-REEL7 Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ-REEL71 AD-ADN4663BRZ-REEL71 Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ1 AD-ADN4663BRZ1 Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
More results


Similar Description - ADN4663BRZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV027 NSC-DS90LV027 Datasheet
483Kb / 4P
LVDS Dual High Speed Differential Driver
DS90LV027A NSC-DS90LV027A Datasheet
638Kb / 8P
LVDS Dual High Speed Differential Driver
logo
Analog Devices
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
LVDS Dual High Speed Differential Driver
logo
Analog Devices
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com