Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4661 Datasheet (PDF) - Analog Devices

ADN4661 Datasheet PDF - Analog Devices
Part # ADN4661
Download  ADN4661 Download
File Size   251.01 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single, 3 V, CMOS, LVDS, High Speed Differential Driver

ADN4661 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4661 Datasheet PDF - Analog Devices

Part # ADN4661
Download  ADN4661 Click to download

File Size   251.01 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single, 3 V, CMOS, LVDS, High Speed Differential Driver

ADN4661 Datasheet (HTML) - Analog Devices


ADN4661 Product details

GENERAL DESCRIPTION
The ADN4661 is a single, CMOS, low voltage differential signaling (LVDS) line driver offering data rates of over 600 Mbps (300 MHz) and ultra-low power consumption. It features a flow-through pinout for easy PCB layout and separation of input and output signals.
The device accepts low voltage TTL/CMOS logic signals and converts them to a differential current output of typically ±3.1 mA for driving a transmission medium such as a twisted-pair cable. The transmitted signal develops a differential voltage of typically ±355 mV across a termination resistor at the receiv-ing end, and this is converted back to a TTL/CMOS logic level by a line receiver.
The ADN4661 and a companion LVDS receiver offer a new solution to high speed point-to-point data transmission, and a low power alternative to emitter-coupled logic (ECL) or positive emitter-coupled logic (PECL).

FEATURES
±15 kV ESD protection on output pins
600 Mbps (300 MHz) switching rates
Flow-through pinout simplifies PCB layout
300 ps typical differential skew
700 ps maximum differential skew
1.5 ns maximum propagation delay
3.3 V power supply
±355 mV differential signaling
Low power dissipation: 23 mW typical
Interoperable with existing 5 V LVDS receivers
Conforms to TIA/EIA-644 LVDS standards
Industrial operating temperature range (−40°C to +85°C)
Available in surface-mount (SOIC) package

APPLICATIONS
Backplane data transmission
Cable data transmission
Clock distribution




Similar Part No. - ADN4661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661 AD-ADN4661 Datasheet
593Kb / 12P
LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
1Mb / 10P
Analog Front End and Digital Interface for Serial LVDS SAR ADCs
Rev. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results


Similar Description - ADN4661

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
LVDS Single High Speed Differential Driver
logo
Analog Devices
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
3.3-V LVDS Single Channel High Speed Differential Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com