Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4661 Datasheet (PDF) - Analog Devices

ADN4661 Datasheet PDF - Analog Devices
Part # ADN4661
Download  ADN4661 Download
File Size   593.25 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LVDS and M-LVDS Circuit Implementation Guide

ADN4661 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4661 Datasheet PDF - Analog Devices

Part # ADN4661
Download  ADN4661 Click to download

File Size   593.25 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LVDS and M-LVDS Circuit Implementation Guide

ADN4661 Datasheet (HTML) - Analog Devices


ADN4661 Product details

INTRODUCTION
Low voltage differential signaling (LVDS) is a standard for communicating at high speed in point-to-point applications. Multipoint LVDS (M-LVDS) is a similar standard for multipoint applications. Both LVDS and M-LVDS use differential signaling, a two-wire communication method where receivers detect data based on the voltage difference between two complementary electrical signals. This greatly improves noise immunity and minimizes emissions.




Similar Part No. - ADN4661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661 AD-ADN4661 Datasheet
1Mb / 10P
Analog Front End and Digital Interface for Serial LVDS SAR ADCs
Rev. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results


Similar Description - ADN4661

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Analog Devices
AN-960 AD-AN-960 Datasheet
252Kb / 12P
RS-485/RS-422 CIRCUIT IMPLEMENTATION GUIDE
REV. 0
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
Implementation Guide
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com