Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9169 Datasheet (PDF) - Maxim Integrated Products

MAX9169 Datasheet PDF - Maxim Integrated Products
Part # MAX9169
Download  MAX9169 Download
File Size   291.51 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Port LVDS and LVTTL-to-LVDS Repeaters

MAX9169 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9169 Datasheet PDF - Maxim Integrated Products

Part # MAX9169
Download  MAX9169 Click to download

File Size   291.51 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Port LVDS and LVTTL-to-LVDS Repeaters

MAX9169 Datasheet (HTML) - Maxim Integrated Products


MAX9169 Product details

General Description
The MAX9169/MAX9170 low-jitter, low-voltage differential signaling LVDS/LVTTL-to-LVDS repeaters are ideal for applications that require high-speed data or clock distribution while minimizing power, space, and noise. The devices accept a single LVDS (MAX9169) or LVTTL (MAX9170) input and repeat the input at four LVDS outputs. Each differential output drives 100Ω, allowing point-to-point distribution of signals on transmission lines with 100Ω termination at the receiver input. The MAX9169 and MAX9170 are pin compatible with the SN65LVDS104 and SN65LVDS105, respectively, and offer improved pulse-skew performance.

Features
♦ 150ps (max) Pulse Skew
♦ 200psP-P (max) Added Deterministic Jitter at
   630Mbps (223 - 1) PRBS Pattern
♦ 8psRMS (max) Added Random Jitter
♦ 120ps (max) Channel-to-Channel Skew
♦ 630Mbps Data Rate
♦ Conforms to ANSI EIA/TIA-644 LVDS Standard
♦ 30mA (max) (MAX9169), 25mA (max) (MAX9170)
   Supply Current, a 15% Improvement vs.
   Competition
♦ LVDS (MAX9169) or +5V Tolerant LVTTL/LVCMOS
   (MAX9170) Input Versions
♦ Fail-Safe Circuit Sets Output High for Undriven
   Differential Input
♦ Output Rated for 10pF Load
♦ Individual Output Enables
♦ Single 3.3V Supply
♦ Improved Second Source of the SN65LVDS104
   (MAX9169)/SN65LVDS105 (MAX9170)
♦ 16-Pin SO and TSSOP Packages

Applications
   Point-to-Point Baseband Data Transmission
   Cellular Phone Base Stations
   Add/Drop Muxes
   Digital Cross-Connects
   Network Switches/Routers
   Backplane Interconnect
   Clock Distribution




Similar Part No. - MAX9169

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9160 MAXIM-MAX9160 Datasheet
348Kb / 13P
LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160AEUI MAXIM-MAX9160AEUI Datasheet
348Kb / 13P
LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160EUI MAXIM-MAX9160EUI Datasheet
348Kb / 13P
LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9163ESA MAXIM-MAX9163ESA Datasheet
206Kb / 11P
Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
More results


Similar Description - MAX9169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
DUAL MULTIPLEXED LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
4-port lvds and 4-port TTL-to LVDS repeaters
14-Mar-2006
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com