Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS105 Datasheet (PDF) - STMicroelectronics

STLVDS105 Datasheet PDF - STMicroelectronics
Part # STLVDS105
Download  STLVDS105 Download
File Size   149.72 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS

STLVDS105 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS105 Datasheet PDF - STMicroelectronics

Part # STLVDS105
Download  STLVDS105 Click to download

File Size   149.72 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS

STLVDS105 Datasheet (HTML) - STMicroelectronics


STLVDS105 Product details

DESCRIPTION
The STLVDS105 is a differential line receiver and a LVTTL input connected to four differential line drivers that implement the electrical characteristics of low voltage differential signaling, for point to point baseband data transmission over controlled impedance media of approximately 100Ω. The transmission media can be printed-circuit board traces, backplanes, or cable.
LVDS, as specified in EIA/TIA-644 is a data signaling technique that offers low-power, low noise coupling, and switching speed to transmit data at a speed up to 630Mbps at relatively long distances.
The drivers integrated into the same substrate, along with the low pulse skew of balanced signaling, allow extremely precise timing alignment of the signals repeated from the input. The device allows extremely precise timing alignment of the signal repeated from the input. This is particularly advantageous in distribution or expansion of signals such as clock or serial data stream.

■ RECEIVER AND DRIVERS MEET OR EXCEED THE REQUIREMENTS OF ANSI EIA/TIA-644 STANDARD: RECEIVERS LOW-VOLTAGE TTL (LVTTL) LEVELS DESIGNED FOR SIGNALING RATES UP TO 630Mbps
■ OPERATES FROM A SINGLE 3.3V SUPPLY
■ LOW VOLTAGE DIFFERENTIAL SIGNALING WITH TYPICAL OUTPUT VOLTAGE OF 350mV AND A 100Ω LOAD
■ PROPAGATION DELAY TIME: 2.2ns (TYP)
■ ELECTRICALLY COMPATIBLE WITH LVDS, PECL, LVPECL, LVTTL, LVCOMOS, GTL, BTL, CTT, SSTL, OR HSTL OUTPUTS WITH EXTERNAL NETWORK
■ BUS TERMINAL ESD (HBM) EXCEEDS 7KV
■ SO AND TSSOP PACKAGING




Similar Part No. - STLVDS105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
385Kb / 12P
4-port lvds and 4-port TTL-to LVDS repeaters
14-Mar-2006
STLVDS104BD STMICROELECTRONICS-STLVDS104BD Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS104BDR STMICROELECTRONICS-STLVDS104BDR Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
STLVDS104BTR STMICROELECTRONICS-STLVDS104BTR Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
More results


Similar Description - STLVDS105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May-2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
4-port lvds and 4-port TTL-to LVDS repeaters
14-Mar-2006
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com