Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS105 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVDS105
Description  4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS105 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVDS105 Datasheet HTML 1Page - STMicroelectronics STLVDS105 Datasheet HTML 2Page - STMicroelectronics STLVDS105 Datasheet HTML 3Page - STMicroelectronics STLVDS105 Datasheet HTML 4Page - STMicroelectronics STLVDS105 Datasheet HTML 5Page - STMicroelectronics STLVDS105 Datasheet HTML 6Page - STMicroelectronics STLVDS105 Datasheet HTML 7Page - STMicroelectronics STLVDS105 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STLVDS105
3/8
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (TA = -40 to 85°C, and VCC = 3.3V ±10% over recommended
operating conditions unless otherwise noted. All typical values are at TA =25°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VIH
HIGH Level Input Voltage
2.0
V
VIL
LOW Level Input Voltage
0.8
V
|VID|
Magnitude Of Differential Input Voltage
0.1
3.6
V
VIC
Common Mode Input Voltage
|VID|/2
24-|VID|/2
V
VCC-0.8
TA
Operating Temperature Range
-40
85
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
|VOD|
Differential Output Voltage
Magnitude
RL = 100Ω
VID = ±100mV
247
340
454
mV
∆|V
OD|
Change in Differential
Output Voltage Magnitude
Between Logic State
-50
50
mV
∆V
OC(SS)
Change in Steady-state
Common Mode Output
Voltage Between Logic
State
-50
50
mV
VOC(SS)
Steady-state Common
Mode Output Voltage
1.125
1.2
1.375
V
VOC(PP)
Peak to Paek Common
mode Output Voltage
25
150
mV
ICC
Supply Current
Enabled, RL =100Ω
18
28
mA
Disabled
0.3
1
mA
IIH
High Level Input Current
VIH =2V
7
20
µA
IIL
Low Level Input Current
VIL = 0.8V
3
10
µA
IOC
Short Circuit Output Current VO(Y) or VO(Z) =0V
± 10
mA
VOD =0
± 10
mA
IOZ
High Impedance Output
Current
VO = 0 or 2.4V
± 1
µA
IO(OFF)
Power OFF Output Current
VCC = 1.5V VO = 2.4V
0.3
± 1
µA
CIN
Input Capacitance (A or B
Inputs)
VI = 0.4 sin (4e
6
πt)+0.5V
5pF
CO
Output Capacitance (Y or Z
Outputs)
VI = 0.4 sin (4e
6
πt)+0.5V, Disabled
9.4
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com