Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7604 Datasheet (PDF) - Exar Corporation

XRP7604 Datasheet PDF - Exar Corporation
Part # XRP7604
Download  XRP7604 Download
File Size   455.32 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1A 29V Non-Sync. Buck High Power LED Driver

XRP7604 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRP7604 Datasheet PDF - Exar Corporation

Part # XRP7604
Download  XRP7604 Click to download

File Size   455.32 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1A 29V Non-Sync. Buck High Power LED Driver

XRP7604 Datasheet (HTML) - Exar Corporation




Similar Part No. - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618IGB-F EXAR-XRP7618IGB-F Datasheet
557Kb / 10P
8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results


Similar Description - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
29V High Voltage LED Driver
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
logo
Exar Corporation
SP7656 EXAR-SP7656 Datasheet
1Mb / 10P
3A, 29V Non-Synchronous Buck Converter
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Linear Technology
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
1A Buck-Boost LED Driver
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
1A HIGH POWER LED DRIVER
logo
Diodes Incorporated
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
30V 1A BUCK LED DRIVER
Rev 5
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com