Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7604 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7604
Description  1A 29V Non-Sync. Buck High Power LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7604 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7604 Datasheet HTML 3Page - Exar Corporation XRP7604 Datasheet HTML 4Page - Exar Corporation XRP7604 Datasheet HTML 5Page - Exar Corporation XRP7604 Datasheet HTML 6Page - Exar Corporation XRP7604 Datasheet HTML 7Page - Exar Corporation XRP7604 Datasheet HTML 8Page - Exar Corporation XRP7604 Datasheet HTML 9Page - Exar Corporation XRP7604 Datasheet HTML 10Page - Exar Corporation XRP7604 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
X
XR
RP
P7
76
60
04
4
1
1A
A 2
29
9V
V N
No
on
n--S
Sy
yn
nc
c.. B
Bu
uc
ck
k H
Hiig
gh
h P
Po
ow
we
err L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
7/13
Rev. 1.0.0
Fig. 12: 29V Vin Startup
1 LED, Vf=3.3V @ 0.75A
Fig. 13: Output Overcurrent
Hiccup mode with Vin=29V
Ch1: Vin
Ch2: Vout
Ch3: VFB
Ch4: Io 2A/div
Ch1: Lx
Ch2: Vout
Ch3: VFB
Ch4: Io 0.5A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com