Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5508 Datasheet (PDF) - Seaward Electronics Inc.

SE5508 Datasheet PDF - Seaward Electronics Inc.
Part # SE5508
Download  SE5508 Download
File Size   181.66 Kbytes
Page   7 Pages
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.
Description 150mA CMOS Low Noise LDO Voltage Regulator

SE5508 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE5508 Datasheet PDF - Seaward Electronics Inc.

Part # SE5508
Download  SE5508 Click to download

File Size   181.66 Kbytes
Page   7 Pages
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.
Description 150mA CMOS Low Noise LDO Voltage Regulator

SE5508 Datasheet (HTML) - Seaward Electronics Inc.


SE5508 Product details

Description
The SE5508 series of fixed output low dropout linear regulators are designed for portable battery powered applications, which require low noise environment, fast enable response time, and low dropout voltage. An optional bypass capacitor can be added for better low-noise performance. Each device contains a voltage reference unit, an error amplifier, a PMOS power transistor, and resistors for setting output voltage, and current limit and temperature limit protection circuits.

Features
➤ Excellent Noise Rejection at 62 dB.
➤ Typical Low Dropout Voltage of 200mV at 75mA.
➤ Fast Enable Turn-On Time of 20μs (Typ.)
➤ Excellent Line and Load Regulation.
➤ High Accuracy Output Voltage of 2%.
➤ Typical Low Ground Current at 50μA
➤ Typical Disable Current Less than 0.1μA
➤ Thermal Protection.
➤ Standard SOT23-5L and SC70 (SOT353) Package.
➤ Available in Lead-Free Packages

Applications
➤ Cellphones.
➤ Wireless LAN’s.
➤ Hand-Held Instrumentation.
➤ Portable Video Game Devices.
➤ Digital Cameras.




Similar Part No. - SE5508

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5502L SKYWORKS-SE5502L Datasheet
367Kb / 16P
Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
September 25, 2012
SE5502L-EK1 SKYWORKS-SE5502L-EK1 Datasheet
367Kb / 16P
Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
September 25, 2012
SE5502L-R SKYWORKS-SE5502L-R Datasheet
367Kb / 16P
Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
September 25, 2012
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509 Datasheet
220Kb / 7P
300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509ALG-LF SEAWARD-SE5509ALG-LF Datasheet
220Kb / 7P
300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results


Similar Description - SE5508

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
150mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com