Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8801 Datasheet (PDF) - Diodes Incorporated

AP8801 Datasheet PDF - Diodes Incorporated
Part # AP8801
Download  AP8801 Download
File Size   158.56 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500mA LED Step-Down Converter

AP8801 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8801 Datasheet PDF - Diodes Incorporated

Part # AP8801
Download  AP8801 Click to download

File Size   158.56 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500mA LED Step-Down Converter

AP8801 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP8801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8801 DIODES-AP8801 Datasheet
154Kb / 11P
500mA LED Step-down Converter
AP8801 Rev. 4
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801M8G DIODES-AP8801M8G Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801M8G-13 DIODES-AP8801M8G-13 Datasheet
154Kb / 11P
500mA LED Step-down Converter
AP8801 Rev. 4
More results


Similar Description - AP8801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
500mA Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
500mA Low Noise Step-Down Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
2.5MHz 500mA Step-Down DC/DC Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
500mA Low Noise Step-Down Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Diodes Incorporated
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
500mA LED Step-down Converter
AP8801 Rev. 4
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
500mA Step-Down Converter
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com