Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8801 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP8801 Datasheet HTML 1Page - Diodes Incorporated AP8801 Datasheet HTML 2Page - Diodes Incorporated AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP8801
500mA LED Step-Down Converter
AP8801 Rev. 1
3 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
Voltage
Regulator
5V
R
CTRL
VIN
GND
SET
SW
Sensing
Block
VREF 1.25V
AP8801
PWM/DC
Control
Figure 1: AP8801 block diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN pin voltage
-0.3~50
V
VSW
SW voltage
-0.3~50
V
TJ
Junction Temperature
150
oC
TLEAD
Lead Temperature Soldering
300
oC
TST
Storage Temperature Range
-65 to +150
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any condition.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature Range
-40
105
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com