Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMHC10A07N8 Datasheet (PDF) - Diodes Incorporated

ZXMHC10A07N8 Datasheet PDF - Diodes Incorporated
Part # ZXMHC10A07N8
Download  ZXMHC10A07N8 Download
File Size   727.43 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V SO8 Complementary enhancement mode MOSFET H-Bridge

ZXMHC10A07N8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMHC10A07N8 Datasheet PDF - Diodes Incorporated

Part # ZXMHC10A07N8
Download  ZXMHC10A07N8 Click to download

File Size   727.43 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V SO8 Complementary enhancement mode MOSFET H-Bridge

ZXMHC10A07N8 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - ZXMHC10A07N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
723Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
logo
Zetex Semiconductors
ZXMHC10A07T8TA ZETEX-ZXMHC10A07T8TA Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8TA DIODES-ZXMHC10A07T8TA Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
More results


Similar Description - ZXMHC10A07N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMC10A816N8 DIODES-ZXMC10A816N8 Datasheet
188Kb / 11P
100V SO8 Complementary Dual enhancement mode MOSFET
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3F381N8 DIODES-ZXMHC3F381N8 Datasheet
738Kb / 11P
30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
logo
Shenzhen Winsemi Microe...
WFS5HB03N8 WINSEMI-WFS5HB03N8 Datasheet
520Kb / 10P
30V SO8 Complementary enhancementmode MOSFET H-Bridge
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com