Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC10H170SFJ Datasheet (PDF) - Diodes Incorporated

DMHC10H170SFJ Datasheet PDF - Diodes Incorporated
Part # DMHC10H170SFJ
Download  DMHC10H170SFJ Download
File Size   890.01 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE

DMHC10H170SFJ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMHC10H170SFJ Datasheet PDF - Diodes Incorporated

Part # DMHC10H170SFJ
Download  DMHC10H170SFJ Click to download

File Size   890.01 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE

DMHC10H170SFJ Datasheet (HTML) - Diodes Incorporated


DMHC10H170SFJ Product details

Features
Low On-Resistance
Low Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control




Similar Part No. - DMHC10H170SFJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
More results


Similar Description - DMHC10H170SFJ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
100V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
APRIL 2004
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
logo
Unisonic Technologies
1NNPP10 UTC-1NNPP10 Datasheet
221Kb / 6P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com